Part Number Hot Search : 
A1002 50020 15KPA24A PC250 SDZ15VG EBF24H 74HC04 NJU73
Product Description
Full Text Search
 

To Download APT15D120BCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
3
2
1 - Anode 1 2 - Common Cathode Back of Case - Cathode 3 - Anode 2
APT15D120BCT 1200V 15A APT15D120BCTG 1200V 15A
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package or
Surface Mount D3PAK Package
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* Low Forward Voltage * High Blocking Voltage * Low Leakage Current
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT15D120BCT(G) UNIT
1200
Volts
Maximum Average Forward Current (TC = 98C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
15 24 110 -55 to 150 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V VR = VR Rated VR = VR Rated, TJ = 125C MIN TYP MAX UNIT
2.0 2.3 1.8
2.5
Volts
250 500 17
pF
Microsemi Website - http://www.microsemi.com
053-0022 Rev B 10-2009
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Test Conditions MIN -
APT15D120BCT(G)
TYP MAX UNIT ns nC
Reverse Recovery Time I = 1A, di /dt = -100A/s, V = 30V, T = 25C F F R J Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -1000A/s VR = 800V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 800V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 800V, TC = 25C
32 260 480 4 370 1300 9 140 2000 28 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.18 40 0.22 5.9 10 1.1
Torque
Maximum Mounting Torque
lb*in N*m
Microsemi Reserves the right to change, without notice, the specifications and information contained herein.
1.20 Z JC, THERMAL IMPEDANCE (C/W) 0.9 1.0 0.80 0.60 0.40 0.20 0 0.7
0.5
Note:
PDM
0.3
t1 t2
0.1 0.05 10
-5
SINGLE PULSE
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
10-4
053-0022 Rev B 10-2009
TYPICAL PERFORMANCE CURVES
50 trr, REVERSE RECOVERY TIME (ns)
500 30A
APT15D120BCT(G)
T =125C J V =800V
R
IF, FORWARD CURRENT (A)
40
400 15A 7.5A 200
30
300
20
TJ = 150C TJ = 25C TJ = 125C TJ = -55C
10
100
0
0
0.5 1 1.5 2 2.5 3 3.5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage IRRM, REVERSE RECOVERY CURRENT (A)
T =125C J V =800V
R
400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change 35 30 25 20 15 10 7.5A 5 0
T =125C J V =800V
R
0
0
200
3500 Qrr, REVERSE RECOVERY CHARGE (nC) 3000 2500 2000 1500 1000 500 0 15A
30A
30A
15A
7.5A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 1.0 0.8 0.6 Qrr 0.4 0.2 0.0 IRRM trr trr Qrr
400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 30 25 20 IF(AV) (A) 15 10 5 0
Duty cycle = 0.5 T =150C
J
0
200
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s)
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 160 140 CJ, JUNCTION CAPACITANCE (pF) 120 100 80
0
100 125 150 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
25
50
75
40 20 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 .7 1
053-0022 Rev B 10-2009
60
APT15D120BCT(G)
Vr +18V 0V D.U.T. 30H
trr/Qrr Waveform
diF /dt Adjust
APT10035LLL
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
0.25 IRRM
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 (BCT) Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Common Cathode
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
Anode 1 Common Cathode Anode 2
053-0022 Rev B 10-2009
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
Microsemi's products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15D120BCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X